PART |
Description |
Maker |
R110H-1 |
Reliable and Energy Ecient Rack Server for Data Centers
|
NEC
|
MVTX1100AL MVTX1100 |
9-Port Home PNA Packet Concentrator
|
ZARLINK[Zarlink Semiconductor Inc]
|
EM3-DINAV33DX EM3-DINAV83DX EM3-DINAV93DX EM3-DINA |
Energy Management Energy Meter with plug-in Output Modules
|
Electronic Theatre Controls, Inc.
|
SFT1002 SFT1004 SFT1012 SFT1010 SFT1014 SFT1016 |
250 V, 100 A high speed NPN transistor 120 V, 100 A high energy NPN transistor 100 V, 100 A high energy NPN transistor 140 V, 100 A high energy NPN transistor 160 V, 100 A high energy NPN transistor
|
Solid State Devices Inc
|
K4D28163HD |
2M x 16Bit x 4 Banks Double Data Rate Synchronous RAM with Bi-directional Data Strobe and DLL Data Sheet
|
Samsung Electronic
|
ADE7753 ADE7753ARS ADE7753ARSRL |
Active, Reactive, and Apparent Energy Metering IC with di/dt Input (Serial-Port Interface) Active and Apparent Energy Metering IC with di/dt sensor interface
|
AD[Analog Devices]
|
ADP-12V ADP-25FWBB |
Energy Star Compliance Energy Star Compliance (Level VI)
|
Delta Electronics, Inc.
|
TT690MOV |
High Energy Thermally Protected TTxxxMOV High Energy Thermally Protected TTxxxMOV VOLTAGE-150 to 690 Volts AC Integrated Transient Surge Protector
|
MDE Semiconductor, Inc.
|
CBC050-M8C CBC050-M8C-TR1 CBC050-M8C-TR5 CBC050-M8 |
Rechargeable Solid State Energy Storage: 50μAh, 3.8V Rechargeable Solid State Energy Storage: 50uAh, 3.8V
|
Cymbet Corporation
|
HI-8684PST-10 HI-8683 HI-8683PJI HI-8683PJT HI-868 |
ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA 384 MCELL 3 VOLT ZERO POWER ISP CPLD - NOT RECOMMENDED for NEW DESIGN (HI-8683 / HI-8684) ARINC INTERFACE DEVICE ARINC 429 & 561 SERIAL DATA TO 8-BIT PARALLEL DATA ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA System component for interfacing incoming ARINC 429 signals to 8-bit parallel data
|
http:// HOLTIC[Holt Integrated Circuits] HOLT INTEGRATED CIRCUITS INC Holt Integrated Circuit...
|
422B 422E |
Max voltage:24V; 200mA; data processing data line protector. For data processing equipment, long line transmission systems, control processing computers, building managenent systems
|
Protek Devices
|
GPCE24481211HR GPCE145222112HR GPCE145222113HR GPC |
Energy Edge?
|
Amphenol Corporation
|